PART |
Description |
Maker |
2SA2118 |
Power Device - Power Transistors - General-Purpose power amplification Power Transistors Silicon PNP epitaxial planar type
|
PANASONIC[Panasonic Semiconductor]
|
2SB1132 2SB1237 2SA1515S A5800347 2SB1132P 2SB1132 |
Medium Power Transistor 中等功率晶体 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | SC-62 From old datasheet system Medium Power Transistor (-32A,-1A) Transistors > Small Signal Bipolar Transistors(up to 0.6W) Transistors > Medium Power Bipolar Transistors(0.5W-1.0W)
|
Rohm Co., Ltd. Rohm CO.,LTD. ROHM[Rohm]
|
CEN-U01BA CEN-U51BA CEN-U95 2N6548 2N6549 2N6552 2 |
Leaded Power Transistor Darlington Leaded Power Transistor General Purpose Power Transistors POWER TRANSISTOR, TO-202 Power Transistors 2 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-202 Power Transistors 2 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-202 Power Transistors 2 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-202 Power Transistors 2 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-202 Power Transistors 2 A, 40 V, NPN, Si, POWER TRANSISTOR, TO-202
|
http:// CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
BDX53B BD53C BDX54C ON0205 BDX53C BDX54B |
From old datasheet system 8 AMPERE POWER TRANSISTORS Plastic Medium-Power Complementary Silicon Transistors DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
|
Motorola Inc MOTOROLA[Motorola Inc] Motorola, Inc ON Semiconductor
|
ZTX601A ZTX600Z ZTX600AZ ZTX600BZ ZTX601B |
Discrete - Bipolar Transistors - Darlington Transistors - ZTX600B(Z) Discrete - Bipolar Transistors - Darlington Transistors - ZTX600A(Z) Discrete - Bipolar Transistors - Darlington Transistors - ZTX600(Z) NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
|
Diodes List of Unclassifed Manufacturers
|
MJD112 MJD1121 MJD112T4 MJD117 ON1996 MJD112-1 |
Complementary Darlington Power Transistors SILICON POWER TRANSISTORS 2 AMPERES 100 VOLTS 20 WATTS From old datasheet system
|
ON Semiconductor MOTOROLA[Motorola, Inc]
|
MJE4343 MJF4343 MJE4353 ON2037 |
From old datasheet system 16 AMPERE POWER TRANSISTORS POWER TRANSISTORS COMPLEMENTARY SILICON
|
ONSEMI[ON Semiconductor]
|
2N6497 2N6498 ON0098 |
POWER TRANSISTORS NPN SILICON 5 AMPERE POWER TRANSISTORS From old datasheet system
|
ONSEMI[ON Semiconductor]
|
TIP31C TIP31B TIP31A ON2983 TIP32C TIP32A TIP32B |
3 AMPERE POWER TRANSISTORS From old datasheet system POWER TRANSISTORS COMPLEMENTARY SILICON
|
ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
2SD613 2SD613F |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset POWER TRANSISTORS(6A/85V/40W) POWER TRANSISTORS(6A,85V,40W)
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
TIP49 TIP50 TIP47 TIP48 |
POWER TRANSISTORS(1.0A250-400V40W) POWER TRANSISTORS(1.0A/250-400V/40W) POWER TRANSISTORS(1.0A,250-400V,40W) 功率晶体管(安培,250 -00V,功0W
|
MOSPEC[Mospec Semiconductor] Mospec Semiconductor, Corp.
|
2N5038 2N5039 |
POWER TRANSISTORS(20A,140W) POWER TRANSISTORS(20A140W)
|
MOSPEC[Mospec Semiconductor]
|